PART |
Description |
Maker |
MPSH10PSTOA FXT3866STZ UZTX415STOA UZTX415STOB ZTX |
UHF BAND, Si, NPN, RF SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 500 mA, 300 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. Zetex Semiconductor PLC ZETEX PLC DIODES INC
|
BC848CW BC846W-BC850W BC848AW Q62702-C2306 Q62702- |
High Speed CMOS Logic Dual 4-Input AND Gate 14-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Presettable Synchronous 4-Bit Binary Up/Down Counters with Asynchronous Reset 16-PDIP -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR High Speed CMOS Logic Hex D-Type Flip-Flop with Reset 16-SOIC -55 to 125 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Silicon AF Transistor (For AF input stages and driver applications High current gain Low collector-emitter saturation voltage) From old datasheet system
|
SIEMENS AG Infineon SIEMENS[Siemens Semiconductor Group]
|
MM3006 MM5416 MM4001 MM421 BSY52 BSY53 BSY54 BSY56 |
Small Signal Transistors 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 100 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Small Signal Transistors 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39 Leaded Small Signal Transistor General Purpose
|
Central Semiconductor, Corp. Central Semiconductor Corp. CENTRAL[Central Semiconductor Corp]
|
PMP4201G PMP4201V PMP4201Y PMP4201Y115 |
NPN/NPN matched double transistors; Package: SOT363 (SC-88); Container: Tape reel smd 100 mA, 45 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR
|
NXP Semiconductors N.V.
|
2N4400Q ZTX360L BCY65EP BCY65EPM1TA ZETEXPLC-BCY65 |
600 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR 800 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC DIODES INC
|
2SB1326TV6/PQ 2SB1326TV3/PQ 2SB1236ATV2/NP 2SC2021 |
5000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR 1500 mA, 160 V, PNP, Si, SMALL SIGNAL TRANSISTOR 150 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, 600 V, PNP, Si, SMALL SIGNAL TRANSISTOR 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR 5000 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
DDTC144ELP DDTC144ELP-7 |
PRE-BIASED (R1=R2) SMALL SIGNAL SURFACE MOUNT 100mA NPN TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Incorporated
|
BC558-B BCX73-25 BC550-B BC169-C BC546-A |
100 mA, PNP, Si, SMALL SIGNAL TRANSISTOR 800 mA, NPN, Si, SMALL SIGNAL TRANSISTOR 100 mA, NPN, Si, SMALL SIGNAL TRANSISTOR
|
SIEMENS A G INFINEON TECHNOLOGIES AG
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
2N5088TA 2N5088TAR 2N5088D81Z |
NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN General Purpose Amplifier; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
MPS6521 |
NPN Low Level Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
547B 548B BC546B BC547A BC546 BC548 |
NPN Silicon Amplifier Transistor 625mW 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Amplifier Transistor 625mW 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 General Purpose Transistor
|
Micro Commercial Compon... Micro Commercial Components Corp. Micro Commercial Components, Corp. Korea Electronics (KEC)
|
|